PART |
Description |
Maker |
3D7444-8 3D7444 3D7444-1.5 3D7444-10 3D7444-15 3D7 |
MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7444)
|
DATADELAY[Data Delay Devices, Inc.]
|
3D7424D-4 3D7424-40 3D7424-400 D7424-10 |
MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE ACTIVE DELAY LINE, TRUE OUTPUT, PDSO14 MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE ACTIVE DELAY LINE, TRUE OUTPUT, PDIP14
|
Data Delay Devices, Inc. DATA DELAY DEVICES INC
|
AD9225-EB AD9225AR |
Complete 12-Bit, 25 MSPS Monolithic A/D Converter 完整2位,25 MSPS的单片机的A / D转换 Complete 12-Bit, 25 MSPS Monolithic A/D Converter 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PDSO28
|
Analog Devices, Inc.
|
MMQA13VT MMQA27VT MMQA27VT1G MMQA5V6T1G MMQA12VT M |
Transient Voltage Suppressors for ESD Protection SC-74 Quad Monolithic Common Anode MMQA, SZMMQA Quad Common Anode Series SC?4 QUAD TRANSIENT VOLTAGE SUPPRESSOR 24 WATTS PEAK POWER 5.6 ?33 VOLTS
|
ON Semiconductor
|
AD5544 AD5544ARS AD5554 AD5554BRS 2602 |
From old datasheet system Quad/ Current-Output Serial-Input/ 16-Bit/14-Bit DACs Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs Precision QUAD 16-Bit DAC
|
AD[Analog Devices]
|
28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15 |
Evaluation Kit for the MAX5883, MAX5884, MAX5885 Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC 128Kx8 EEPROM 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 12-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs 12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface 3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM
|
Microchip Technology, Inc.
|
74ACTQ16240 74ACTQ16240MTD 74ACTQ16240SSC 74ACTQ16 |
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs From old datasheet system 20 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor Quad 4-Bit Buffer/Driver ACT SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48 GTLP-to-LVTTL 1-to-6 Fanout Driver 24-SOIC -40 to 85 ACT SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MAX5253 MAX5253ACAP MAX5253ACPP MAX5253AEAP MAX525 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C SERIAL INPUT LOADING, 16 us SETTLING TIME, 12-BIT DAC, PDIP20 3V / Quad / 12-Bit Voltage-Output DAC with Serial Interface 3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface 3V Quad 12-Bit Voltage-Output DAC with Serial Interface
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MX7225 MX7225BQ MX7225CQ MX7225EQ MX7225KCWG MX722 |
CMOS Quad 8-Bit D/A Converters QUAD, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, UUC24 CMOS Quad 8-Bit D/A Converters QUAD, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP24
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MAT04FP MAT04FS MAT04FY MAT04 MAT04EY MAT04AY |
Matched Monolithic Quad Transistor
|
AD[Analog Devices]
|
DAC8412ET |
Quad, 12-Bit DAC Voltage Output with Readback; Package: CERDIP GLASS SEAL; No of Pins: 28; Temperature Range: TBD QUAD, PARALLEL, WORD INPUT LOADING, 6 us SETTLING TIME, 12-BIT DAC, CDIP28
|
Analog Devices, Inc.
|